Part Number Hot Search : 
NME2412D TW0255A TPS79633 TQ2092 TLP595A M1389 ST1802HI B1161UAL
Product Description
Full Text Search
 

To Download NTE15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE15 Silicon NPN Transistor VHF Amp, Mixer, Oscillator, UHF OSC
Features: D High Transition Frequency: fT = 1.1GHz D Low Base Resistance and High Gain D Excellent Noise Characteristics Applications: D VHF Mixers and Oscillators D UHF Oscillators Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Collector-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4V Collector Current, IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA Collector Dissipation, PC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300mW Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +125C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +125C Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter Collector-Emitter Breakdown Voltage Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current DC Current Gain Collector Saturation Voltage Transition Frequency Output Capacitance Collector-Base Time Constant Symbol Test Conditions Min 19 30 5 - - 39 - - - - Typ Max Unit - - - - - - 0.1 - - - 0.5 0.5 - - V V V A A - V V(BR)CEO IC = 1mA V(BR)CBO IC = 50A V(BR)EBO IE = 50A ICBO IEBO hFE fT Cob Cdbb VCB = 20V VEB = 3V VCE = 10V, IC = 5mA VCE = 5V, IE = 10mA VCB = 10V, f = 1MHz IC = 10mA, VCB = 5V, f = 31.8MHz
VCE(sat) IC = 10mA, IB = 1mA
600 1100 MHz 1.2 10 1.5 15 pF pS
.102 (2.6)
.280 (7.11)
E
C
B
.185 (4.7)
.100 (2.54) .051 (1.29)
.138 (3.5) .022 (0.55)


▲Up To Search▲   

 
Price & Availability of NTE15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X